PART |
Description |
Maker |
TMP86FS49 |
Highly Integrated 8-Bit Flash Microcontroller
|
List of Unclassifed Manufacturers
|
DPA423P-TL DPA424 DPA425R-TL DPA426 |
Highly Integrated DC-DC Converter ICs for Distributed Power Architectures 高度集成的DC - DC转换器IC为分布式电源架构 Highly Integrated DC-DC Converter ICs for Distributed Power Architectures 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PSSO6 (DPA423 - DPA426) Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
|
Power Integrations, Inc.
|
TLV320AIC13IDBT TLV320AIC1XIDBTR |
LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
|
http://
|
AS8218 AS8228 |
Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
|
austriamicrosystems AG
|
AS8218 AS8228 |
Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
|
AMSCO[austriamicrosystems AG]
|
MB9AF344MB |
The MB9A340NB Series are highly integrated
|
SPANSION
|
MB9AF141NB MB9AF142MB MB9AF141LB MB9AF144LB |
The MB9A140NB Series are highly integrated
|
SPANSION
|
TW8816 |
Highly integrated LCD controller
|
Intersil
|
EN6360QI EN6360QI-E |
8A Synchronous Highly Integrated DC-DC PowerSoC
|
Enpirion, Inc.
|
AT76C510 |
LAN with other wireless LANs (WLAN) and legacy LANs. VNET-B based bridges act as access points (AP) to the WLAN and communicate packets Ethernet to Wireless Bridge-on-a-Chip The AT76C510 is a highly integrated WLAN plus Internetworking device based on two ARM7TDMI?RISC processors, a 10/100 Ethernet MAC, USB, integrated 2 x 6K x 32-bit SRAM, 3.3V operation, 128- pin PQFP or TQFP package.
|
ATMEL Corporation
|